Part Number Hot Search : 
A1003 10019 1645P 4620A CY360 1003F UTC4052 BD249
Product Description
Full Text Search
 

To Download P4SMAJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P4SMAJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts 400Watt Peak Power Pulse
FEATURES l l l l l l l l l l l For surface mounted applications in order to SMA/DO-214AC
optimize board space Low profile package Built-in strain relief Glass passivated junction Low inductance Excellent clamping capability Repetition Rate(duty cycle):0.01% Fast response time: typically less than
1.0 ps from 0 volts to BV for undirectional types Typical ID less than 1 A above 10V High temperature soldering :
250 /10 seconds at terminals Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
MECHANICAL DATA Case: JEDEC DO-214AC low profile molded plastic Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Indicated by cathode band except bi-directional types Weight: 0.002 ounces, 0.064 gram Standard packaging:12 mm tape per(EIA 481)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Peak Pulse Power Dissipation at TA=25 , Fig. 1 (Note 1,2,5) Peak forward Surge Current per Fig. 5 (Note 3) Peak Pulse Current current on 10/1000 s waveform (Note 1,Fig 2) Steady State Power Dissipation (Note 4) Operating Junction and Storage Temperature Range NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 per Fig. 2. 2.Mounted on 5.0mm copper pads to each terminal. 3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
2
SYMBOL PPPM IFSM IPPM PM(AV) TJ,TSTG
VALUE Minimum 400 40.0 See Table 1 1.0 -55 to +150
UNITS Watts Amps Amps Watts
4.Lead temperature at 75 =TL. 5.Peak pulse power waveform is 10/1000 s.
MAXIMUM RATINGS AND CHARACTERISTIC CURVES P4SMAJ SERIES
Fig. 1-PEAK PULSE POWER RATING VERSUS
Fig. 2-PULSE RATING CURVE
Fig. 3-PULSE WAVEFORM
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT UNI-DIRECTIONAL 400 Watt Surface Mount TVS
UNIDIRECTIONAL PART NUMBER P4SMAJ5.0 P4SMAJ5.0A P4SMAJ6.0 P4SMAJ6.0A P4SMAJ6.5 P4SMAJ6.5A P4SMAJ7.0 P4SMAJ7.0A P4SMAJ7.5 P4SMAJ7.5A P4SMAJ8.0 P4SMAJ8.0A P4SMAJ8.5 P4SMAJ8.5A P4SMAJ9.0 P4SMAJ9.0A P4SMAJ10 P4SMAJ10A P4SMAJ11 P4SMAJ11A P4SMAJ12 P4SMAJ12A P4SMAJ13 P4SMAJ13A P4SMAJ14 P4SMAJ14A P4SMAJ15 P4SMAJ15A P4SMAJ16 P4SMAJ16A P4SMAJ17 P4SMAJ17A P4SMAJ18 P4SMAJ18A P4SMAJ20 P4SMAJ20A P4SMAJ22 P4SMAJ22A P4SMAJ24 P4SMAJ24A P4SMAJ26 P4SMAJ26A P4SMAJ28 P4SMAJ28A P4SMAJ30 P4SMAJ30A P4SMAJ33 P4SMAJ33A DEVICE MARKING CODE HD HE HF HG HH HK HL HM HN HP HQ HR HS HT HU HV HW HX HY HZ ID IE IF IG IH IK IL IM IN IP IQ IR IS IT IU IV IW IX IY IZ JD JE JF JG JH JK JL JM REVERSE STAND-OFF VOLTAGE VRWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.92 10.82 12.60 11.50 14.10 12.80 15.40 14.00 16.90 15.30 18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 39.40 35.80 42.20 38.30 46.50 42.20 TEST CURRENT IT (mA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 PEAK PULSE CURRENT IPP (A) 41.6 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28.0 31.0 26.5 29.4 25.1 27.7 23.6 26.0 21.2 23.5 20.0 22.0 18.1 20.1 16.8 18.6 15.5 17.2 14.8 16.4 13.8 15.3 13.1 14.5 12.4 13.7 11.1 12.3 10.1 11.2 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5 REVERSE LEAKAGE @VRWM IR (uA) 800 800 800 800 500 500 200 200 100 100 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
P4SMAJ36 P4SMAJ36A P4SMAJ40 P4SMAJ40A P4SMAJ43 P4SMAJ43A P4SMAJ45 P4SMAJ45A P4SMAJ48 P4SMAJ48A P4SMAJ51 P4SMAJ51A P4SMAJ54 P4SMAJ54A P4SMAJ58 P4SMAJ58A P4SMAJ60 P4SMAJ60A P4SMAJ64 P4SMAJ64A
JN JP JQ JR JS JT JU JV JW JX JY JZ RD RE RF RG RH RK RL RM
36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0
40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10
50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 84.50 76.70 90.10 81.80
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0
6.2 6.9 5.6 6.2 5.2 5.7 5.0 5.5 4.7 5.2 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 3.5 3.9
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
UNI-DIRECTIONAL 400 Watt Surface Mount TVS
UNIDIRECTIONAL PART NUMBER P4SMAJ70 P4SMAJ70A P4SMAJ75 P4SMAJ75A P4SMAJ78 P4SMAJ78A P4SMAJ85 P4SMAJ85A P4SMAJ90 P4SMAJ90A P4SMAJ100 P4SMAJ100A P4SMAJ110 P4SMAJ110A P4SMAJ120 P4SMAJ120A P4SMAJ130 P4SMAJ130A P4SMAJ150 P4SMAJ150A P4SMAJ160 P4SMAJ160A P4SMAJ170 P4SMAJ170A DEVICE MARKING CODE RN RP RQ RR RS RT RU RV RW RX RY RZ SD SE SF SG SH SK SL SM SN SP SQ SR REVERSE STAND-OFF VOLTAGE VRWM (V) 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 98.60 89.50 105.70 95.80 109.80 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50 TEST CURRENT IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 PEAK PULSE CURRENT IPP (A) 3.2 3.5 3.0 3.3 2.9 2.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.0 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4 REVERSE LEAKAGE @VRWM IR (uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
BI-DIRECTIONAL 400 Watt Surface Mount TVS
BI-DIRECTIONAL DEVICE PART MARKING NUMBER CODE P4SMAJ5.0C P4SMAJ5.0CA P4SMAJ6.0C P4SMAJ6.0CA P4SMAJ6.5C P4SMAJ6.5CA P4SMAJ7.0C P4SMAJ7.0CA P4SMAJ7.5C P4SMAJ7.5CA P4SMAJ8.0C P4SMAJ8.0CA P4SMAJ8.5C P4SMAJ8.5CA P4SMAJ9.0C P4SMAJ9.0CA P4SMAJ10C P4SMAJ10CA P4SMAJ11C P4SMAJ11CA P4SMAJ12C P4SMAJ12CA TD TE TF TG TH TK TL TM TN TP TQ TR TS TT TU TV TW TX TY TZ UD UE REVERSE STAND-OFF VOLTAGE VRWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 7.55 7.25 8.45 7.67 9.14 8.30 9.86 8.95 10.67 9.58 11.30 10.23 11.92 10.82 12.60 11.50 14.10 12.80 15.40 14.00 16.90 15.30 TEST CURRENT IT (mA) 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 PEAK PULSE CURRENT IPP (A) 41.6 43.5 35.1 38.8 32.5 35.7 30.1 33.3 28.0 31.0 26.5 29.4 25.1 27.7 23.6 26.0 21.2 23.5 20.0 22.0 18.1 20.1 REVERSE LEAKAGE @VRWM IR (uA) 1600 1600 1600 1600 1000 1000 400 400 200 200 100 100 20 20 10 10 5 5 5 5 5 5
P4SMAJ13C P4SMAJ13CA P4SMAJ14C P4SMAJ14CA P4SMAJ15C P4SMAJ15CA P4SMAJ16C P4SMAJ16CA P4SMAJ17C P4SMAJ17CA P4SMAJ18C P4SMAJ18CA P4SMAJ20C P4SMAJ20CA P4SMAJ22C P4SMAJ22CA P4SMAJ24C P4SMAJ24CA P4SMAJ26C P4SMAJ26CA P4SMAJ28C P4SMAJ28CA P4SMAJ30C P4SMAJ30CA P4SMAJ33C P4SMAJ33CA P4SMAJ36C P4SMAJ36CA P4SMAJ40C P4SMAJ40CA P4SMAJ43C P4SMAJ43CA P4SMAJ45C P4SMAJ45CA P4SMAJ48C P4SMAJ48CA P4SMAJ51C P4SMAJ51CA P4SMAJ54C P4SMAJ54CA P4SMAJ58C P4SMAJ58CA P4SMAJ60C P4SMAJ60CA P4SMAJ64C P4SMAJ64CA
UF UG UH UK UL UM UN UP UQ UR US UT UU UV UW UX UY UZ VD VE VF VG VH VK VL VM VN VP VQ VR VS VT VU VV VW VX VY VZ WD WE WF WG WH WK WL WM
13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0
14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10
18.20 16.50 19.80 17.90 21.10 19.20 22.60 20.50 23.90 21.70 25.30 23.30 28.10 25.50 30.90 28.00 33.80 30.70 36.60 33.20 39.40 35.80 42.20 38.30 46.50 42.20 50.70 46.00 56.30 51.10 60.50 54.90 63.30 57.50 67.50 61.30 71.80 65.20 76.00 69.00 81.60 74.10 84.50 76.70 90.10 81.80
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0
16.8 18.6 15.5 17.2 14.8 16.4 13.8 15.3 13.1 14.5 12.4 13.7 11.1 12.3 10.1 11.2 9.3 10.3 8.6 9.5 8.0 8.8 7.5 8.3 6.8 7.5 6.2 6.9 5.6 6.2 5.2 5.7 5.0 5.5 4.7 5.2 4.4 4.9 4.2 4.6 3.9 4.3 3.7 4.1 3.5 3.9
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
BI-DIRECTIONAL 400 Watt Surface Mount TVS
BI-DIRECTIONAL DEVICE PART MARKING CODE NUMBER P4SMAJ70C P4SMAJ70CA P4SMAJ75C P4SMAJ75CA P4SMAJ78C P4SMAJ78CA P4SMAJ85C P4SMAJ85CA P4SMAJ90C P4SMAJ90CA P4SMAJ100C P4SMAJ100CA P4SMAJ110C P4SMAJ110CA P4SMAJ120C P4SMAJ120CA P4SMAJ130C P4SMAJ130CA P4SMAJ150C P4SMAJ150CA P4SMAJ160C P4SMAJ160CA P4SMAJ170C P4SMAJ170CA WN WP WQ WR WS WT WU WV WW WX WY WZ XD XE XF XG XH XK XL XM XN XP XQ XR REVERSE STAND-OFF VOLTAGE VRWM (V) 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100.0 100.0 110.0 110.0 120.0 120.0 130.0 130.0 150.0 150.0 160.0 160.0 170.0 170.0 BREAKDOWN VOLTAGE VBR (V) MIN. @IT 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 BREAKDOWN VOLTAGE VBR (V) MAX. @IT 98.60 89.50 105.70 95.80 109.80 99.70 119.20 108.20 126.50 115.50 141.00 128.00 154.50 140.50 169.00 153.00 182.50 165.50 211.50 192.50 226.00 205.00 239.50 217.50 TEST CURRENT IT (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 PEAK PULSE CURRENT IPP (A) 3.2 3.5 3.0 3.3 2.9 2.2 2.6 2.9 2.5 2.7 2.2 2.5 2.0 2.3 1.9 2.0 1.7 1.9 1.5 1.6 1.4 1.5 1.3 1.4 REVERSE LEAKAGE @VRWM IR (uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5


▲Up To Search▲   

 
Price & Availability of P4SMAJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X